Part Number Hot Search : 
AD8602AR 71WS256 200GB T600C A1774 2SD668 ADP7105 A12BB
Product Description
Full Text Search
 

To Download SI2700M16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI SERIES
SUBMINIATURE (SI: Snap-in)
The SI Snap-in series subminiature aluminum electrolytic capacitors are especially suitable for applications requiring high capacitance, low cost, and very small size. In fact, you'll find these capacitors in some of the most demanding applications, from precision medical electronics and automobiles to the newest personal computers and disk drives. They operate over a broad temperature range and are available in either blister pack or bulk.
MECHANICAL SPECIFICATIONS
Marking: Consists of series type, nominal capacitance, rated voltage, temperature range, anode and/or cathode identification, vendor identification. Recommended Cleaning Solvents: Chlorofluorocarbon solvents used to remove flux from printed circuit boards can penetrate the capacitor end- seals, cause corrosion when voltage is applied and capacitor failure. Avoid halogenated solvents and consider these alternatives: Clean the capacitors with water/detergent or cleaning solvents free of halogen groups such as alcohol or terpene solution, or mount the capacitor after board cleaning.
RATINGS
Capacitance Range: 47f to 33,000f Tolerance: 20% Voltage Range: 16V to 450V
PERFORMANCE SPECIFICATIONS
Operating Temperature Range: -40C to +85C (-40F to +185F) Leakage Current: I 3 x CV (measured after 5 minutes @ rated voltage and +20C (+68F) I = Leakage Current (A) C = Nominal Capacitance (f) V = Rated Voltage (V) Capacitance Tolerance (M): 20% measured at +20C (+68F), 120HZ Surge Voltage:
DC Rated Voltage Surge Voltage DC Rated Voltage Surge Voltage 16 20 100 125 25 32 160 200 35 44 200 250 50 63 63 79 250 300 80 100
CASE SIZE AND DIMENSIONS:
SI SERIES
10.0 Polarity Bar Safety Vent Vinyl Sleeve
L+2 Max 2 0.1 Dia 10 0.1
6.3 1
DO+1 Max
0.8 -0.1
+0.2
2.0 Max
1.5 0.2
6.3 1 4.0
450 500
DO PC Board Mounting Holes Terminal
Load Life: 2000 12Hrs @ Max rated temperature and rated voltage Leakage Current: Within values specified above Dissipation Factor: Within 150% of specified value Shelf Life: 1000 6Hrs @ Max rated temperature, no voltage applied Leakage Current: Within 200% of specified value Dissipation Factor: Within 150% of specified value Capacitance Change Max: Within 20% of initial value
ORDERING INFORMATION
SI Series Capacitance Tolerance Voltage 1000 M 50
12
NTE Electronics, Inc. D Voice (800) 631-1250 (973) 748-5089 D FAX (973) 748-6224 D http://www.nteinc.com
SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI SERIES
SI Series Dimensions: Diameter (D O) x Length (L): mm
WV Cap (f) 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1500 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 18000 22000 33000 22 x 45 25 x 50 30 x 50 30 x 50 22 x 50 25 x 50 20 x 35 22 x 30 22 x 25 22 x 20 22 x 25 20 x 30 22 x 30 20 x 30 22 x 40 22 x 30 22 x 50 25 x 50 22 x 50 22 x 40 22 x 30 22 x 25 22 x 25 22 x 30 20 x 30 22 x 40 20 x 40 22 x 50 25 x 35 25 x 50 25 x 45 30 x 50 30 x 45 30 x 50 35 x 45 35 x 40 35 x 50 25 x 50 22 x 50 22 x 50 22 x 40 22 x 30 22 x 20 22 x 30 22 x 40 22 x 50 22 x 45 25 x 50 25 x 45 25 x 35 30 x 45 30 x 50 35 x 50 35 x 70 30 x 50 35 x 45 25 x 50 22 x 40 22 x 50 22 x 50 22 x 30 25 x 40 22 x 40 22 x 45 25 x 45 22 x 25 22 x 20 22 x 30 22 x 25 22 x 30 22 x 30 22 x 35 22 x 40 22 x 45 25 x 45 25 x 50 30 x 50 22 x 45 25 x 45 30 x 50 30 x 45 30 x 50 22 x 35 22 x 40 22 x 25 22 x 30 22 x 20 25 x 20 16 25 35 50 63 80 100 160 200 250 450 22 x 30 22 x 25 22 x 50 22 x 30 22 x 35 22 x 40 22 x 50 25 x 45 25 x 50 30 x 45 30 x 50 35 x 45 35 x 50 35 x 60 35 x 70
* These dimensions are for reference only, please consult the factory for actual size.
NTE Electronics, Inc. D Voice (800) 631-1250 (973) 748-5089 D FAX (973) 748-6224 D http://www.nteinc.com
13


▲Up To Search▲   

 
Price & Availability of SI2700M16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X